PART |
Description |
Maker |
K40P144M100SF211 MK40N512VMD100 MK40N512VLQ100 MK4 |
Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz 32-BIT, FLASH, 100 MHz, RISC MICROCONTROLLER, PQFP144
|
Freescale Semiconductor, Inc FREESCALE SEMICONDUCTOR INC
|
TC500COE TC514CPJ TC500ACOE TC500ACPE TC500 TC510C |
The TC500/500A/510/514 family are precision analog front ends that implement dual slope A/D converters having a maximum resolution of 17 bits plus sign.As a minimum, each device contains the integrator,zero crossing comparator and processo
|
MICROCHIP[Microchip Technology]
|
K30P144M100SF211 |
Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
|
Freescale Semiconductor, Inc
|
K40P100M100SF2 |
Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
|
Freescale Semiconductor, Inc
|
K30P100M100SF2 MK30N512VLL100 |
Up to 100 MHz ARM Cortex-M4 core with DSP structions delivering 1.25 Dhrystone MIPS per MHz
|
Freescale Semiconductor, Inc
|
MK20N512VMC100 MK20X256VMC100 K20P121M100SF2 |
Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
|
Freescale Semiconductor, Inc
|
K60P100M100SF2 MK60N256VLL100 MK60N512VLL100 |
Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
|
Freescale Semiconductor, Inc
|
MK30N512VMC100 K30P121M100SF2 |
Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
|
Freescale Semiconductor, Inc
|
K50P121M100SF2 MK50X256CMC100 MK50N512CMC100 |
Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
|
Freescale Semiconductor, Inc
|
C8051F000 C8051F005 C8051F007 C8051F012 C8051F001 |
20 MIPS,32k Flash,256 Ram,12bit ADC,64 Pin MCU(20 MIPS,32k 闪速存储器,256 Ram,12ADC,64 MCU) 20 MIPS,32k Flash,256 Ram,10bit ADC,32 Pin MCU(20 MIPS,32k 闪速存储器,256 Ram,10ADC,32 MCU) 20 MIPS,32k Flash,256 Ram,12bit ADC,32 Pin MCU(20 MIPS,32k 闪速存储器,256 Ram,12ADC,32 MCU) 25 MIPS,32k Flash,2.25k Ram,10bit ADC,64 Pin MCU(25 MIPS,32k 闪速存储器,2.25k Ram,10ADC,64 MCU) 20 MIPS,32k Flash,256 Ram,10bit ADC,48 Pin MCU(20 MIPS,32k 闪速存储器,256 Ram,10ADC,48 MCU) 25 MIPS,32k Flash,2.25k Ram,10bit ADC,48 Pin MCU(25 MIPS,32k 闪速存储器,2.25k Ram,10ADC,48 MCU) 20 MIPS,32k Flash,256 Ram,12bit ADC,48 Pin MCU(20 MIPS,32k 闪速存储器,256 Ram,12ADC,48 MCU) 20 MIPS的,32K闪存56羊,12位ADC8引脚微控制器0 MIPS的,32K的闪速存储器56,羊2位ADC8脚微控制器) 25 MIPS,32k Flash,2.25k Ram,12bit ADC,32 Pin MCU(25 MIPS,32k 闪速存储器,2.25k Ram,12ADC,32 MCU) 25 MIPS的,32K闪存.25k羊,12位ADC2引脚微控制器5 MIPS的,32K的闪速存储器.25k羊,12位ADC2脚微控制器) 25 MIPS,32k Flash,2.25k Ram,12bit ADC,64 Pin MCU(25 MIPS,32k 闪速存储器,2.25k Ram,12ADC,64 MCU) 25 MIPS的,32K闪存.25k羊,12位ADC4引脚微控制器5 MIPS的,32K的闪速存储器.25k羊,12位ADC4脚微控制器) 25 MIPS,32k Flash,2.25k Ram,12bit ADC,48 Pin MCU(25 MIPS,32k 闪速存储器,2.25k Ram,12ADC,48 MCU) 25 MIPS的,32K闪存.25k羊,12位ADC8引脚微控制器5 MIPS的,32K的闪速存储器.25k羊,12位ADC8脚微控制器) 20 MIPS,32k Flash,256 Ram,10bit ADC,64 Pin MCU(20 MIPS,32k 闪速存储器,256 Ram,10ADC,64 MCU) 20 MIPS的,32K闪存56羊,10位ADC4引脚微控制器0 MIPS的,32K的闪速存储器56,羊0位ADC4脚微控制器)
|
Cygnal Technologies Connex See Service, Inc.
|
PPXD2020VMG116R MPXD2020VMG116R SPXD2020VMG116R MP |
32-bit Power Architecture? Dual Core Microcontrollers for Industrial Networking
|
Freescale Semiconductor, Inc Freescale Semiconductor...
|
RM7000B |
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
|
PMC[PMC-Sierra, Inc]
|
|